Part Number Hot Search : 
1N3310B 245DW 82RSB SUM110 45020 PM4319 AP1520SA 5962F9
Product Description
Full Text Search
 

To Download GMR7590C-21P2AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-D PCB
GMR7590C Right Angle Mount Micro-D Connectors Compact Flange
Innovative Design for Flex Circuits - These Micro-D connectors answer the need for a compact flex circuit connector. Featuring .075 X .075 inch row spacing. Glenair's GMR7590C accepts standard jackscrews and jackposts, making it ideal for flex-to-board applications. High Performance - Approved for British Standard BS9000, GMR7590C connectors meet the performance requirements of MIL-DTL-83513. Gold plated TwistPin contacts assure best electrical and mechanical performance.
A B C D E F G H J K L
B P M
GMR7590C - 31 S Series GMR7590C
Micro-D Metal Shell, Right Angle Mount PCB, Compact
HoW to oRDER GMR7590 RIGHt ANGLE .075" PItCH PCB CoNNECtoRS
Number of Contacts 9 15 21 25 31 37 51 100 tail Length In. (mm.) 1 - .109" (2.76) 2 - .150" (3.81) 3 - .190" (4.83) 4 - .250" (6.35) 5 - Staggered Tail
Length
Contact type P Pin
Socket
Shell Plating Finish A - Cadmium B - Nickel C - Allochrome D - Black Anodize E - Gold
Hardware B P M M1 S S1 L K F R
Gold-Plated terminal Mod Code These connectors are solder-dipped in 63/37 tin-lead solder. to delete the solder dip and change to goldplated terminals, add code 513
S
Sample Part Number
2 B S1
MICRo-D MouNtING HARDWARE
M1 S S1 L K F R
M N P
thru-Hole Jackpost Jackscrew Jackscrew Jackscrew Jackscrew Jackscrew Jackscrew Float Mount Float Mount
Order Hardware Separately Removable Includes Nut and Washer Hex Head Removable E-ring Hex Head Removable E-ring Extended Slot Head Removable E-ring Slot Head Removable E-ring Extended Hex Head NonRemovable Slot Head NonRemovable Extended For Front Panel Mounting For Rear Panel Mounting
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-32
GMR7590C Right Angle Mount Micro-D Connectors Compact Flange
PERFoRMANCE SPECIFICAtIoNS
Current Rating DWV Insulation Resistance Contact Resistance Low Level Contact Resist. Magnetic Permeability Operating Temperature Shock, Vibration Mating Force
A B C ED .150 (3.81) .015 (0.38) O .020 (0.51) .002 (0.05) F G J H .100 (25.4)
MAtERIALS AND FINISHES
Aluminum Alloy 6061 or Stainless Steel, 300 Connector Shell Series, passivated. See Ordering Info for Plating Options Insulator, Tray Liquid Crystal Polymer (LCP) Interfacial Seal Flourosilicone Rubber, Blue Pin Contact Beryllium Copper Gold over Nickel Plating Socket Contact Copper Alloy Gold Over Nickel Plating PCB Terminals Gold Plated Copper Alloy, Solder Dipped Hardware 300 Series Stainless Steel Encapsulant Epoxy Resin Hysol EE4215
3 AMP 600 VAC Sea level 5000 Megohms Minimum 8 Milliohms Maximum 32 Milliohms Maximum 2 Maximum -55 C. to +150 C. 50 g., 20g. (10 Ounces) X (# of Contacts)
.050 (1.27)
.050 (1.27)
STAGGERED LEADS SIZES 9 THRU 51 MOUNTING HOLE IS .088/094 (2.24/2.39) SIZE 100 MOUNTING HOLE IS .145/.150 (3.68/3.81) SIZES 9 THRU 51 THREAD SIZE IS #2-56 UNC SIZE 100 THREAD SIZE IS #4-40
GMR7590C CoNNECtoR DIMENSIoNS
A Max. Layout 9P 9S 15P 15S 21P 21S 25P 25S 31P 31S 37P 37S 51P 51S 100P 100S In.
.785 .785 .935 .935 1.085 1.085 1.185 1.185 1.335 1.335 1.485 1.485 1.435 1.435 2.170 2.170
B
.005 .565 .565 .715 .715 .865 .865 .965 .965 1.115 1.115 1.265 1.265 1.215 1.215 1.800 1.800
C Max.
0.13
D Max. In .
.185 .251 .185 .251 .185 .251 .185 .251 .185 .251 .185 .251 .228 .294 .271 .394
E Max. In.
.310 .310 .310 .310 .310 .310 .310 .310 .310 .310 .310 .310 .351 .351 .394 .394
F
.003 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195
G Max.
0.08
H
.010 .400 .400 .550 .550 .700 .700 .800 .800 .950 .950 1.100 1.100 1.050 1.050 1.500 1.500
mm.
19.94 19.94 23.75 23.75 27.56 27.56 30.01 30.01 33.91 33.91 37.72 37.72 36.45 36.45 55.12 55.12
In .
mm.
14.35 14.35 18.16 18.16 21.97 21.97 24.51 24.51 28.32 28.32 32.13 32.13 30.86 30.86 45.72 45.72
In .
.335 .400 .485 .550 .635 .700 .735 .800 .885 .950 1.035 1.100 .985 1.050 1.384 1.508
mm.
8.51 10.16 12.32 13.97 16.13 17.78 18.67 20.32 22.48 24.13 26.29 27.94 25.02 26.67 35.15 38.30
mm.
4.70 6.38 4.70 6.38 4.70 6.38 4.70 6.38 4.70 6.38 4.70 6.38 5.79 7.47 6.88 10.00
mm.
7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 8.92 8.92 10.00 10.00
In .
mm.
4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95
In.
.400 .400 .400 .400 .400 .400 .400 .400 .400 .400 .400 .400 .490 .490 .660 .660
mm.
10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 12.45 12.45 16.76 16.76
In.
mm.
0.25 10.16 10.16 13.97 13.97 17.78 17.78 20.32 20.32 24.13 24.13 27.94 27.94 26.67 26.67 38.13 38.13
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-33
Micro-D PCB
A B C D E F G H J K L M N P
Micro-D PCB
GMR7590C Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C CoNNECtoR PCB LAYoutS - PIN CoNNECtoRS
Patterns shown are for connector mounting side of PC board.
A B C D E F G H J
1 2 1
CONNECTOR FLANGE C L
1 6 2 7 3 8 4 9 5
CONNECTOR FLANGE .212 (5.40)
1 9
.170 (4.32) C L
2 3 4 5 12 6 7 8 15
.212 (5.40)
.0375 (0.95) .075 (1.91)
.075 (1.91)
10 11 13 14
.075 (1.91)
.0375 (0.95) .075 (1.91)
9 PIN
CONNECTOR FLANGE .170 (4.32) C L
2 12 4 3 15 5 6 7 8 18 9 21
15 PIN
CONNECTOR FLANGE C L
2 1 3 15 4 5 6 18 7 8 9
.175 (4.45)
10 11
.175 (4.45)
11 12
21 10 24 13
13 14 16 17 19 20
.075 (1.91)
.0375 (0.95) .075 (1.91)
14 16 17 19 20 22 23 25
.075 (1.91)
.0375 (0.95) .075 (1.91)
21 PIN
25 PIN
CONNECTOR FLANGE C L
3 18 4 5 6 21 7 8 9
CONNECTOR FLANGE C L
2 1 3 21 4 5 6 24 7 8 9
.175 (4.45)
11 12 14 15
.175 (4.45)
11 12 14 15 17 18
24 10 27 13 30 16
27 10 30 13 33 16 36 19
K L M N P
17 19 20 22 23 25 26 28 29 31
.075 (1.91)
.0375 (0.95) .075 (1.91)
20 22 23 25 26 28 29 31 32 34 35 37
.075 (1.91)
.0375 (0.95) .075 (1.91)
31 PIN
CONNECTOR FLANGE C L
1 2 19 3 4 5 6 8 9 25
37 PIN
CONNECTOR FLANGE .187 (4.75) C L
1 2 27 3 4 5 30 6 7 8 33 9
.212 (5.38)
10 11 13 14 16 17 19 20 22 23 25 26 36 12 39 15 42 18 45 21 48 24 51 65 66 68 69 71 72 74 75
10 11 13 14 15 17 18 29 12 31 32 16 35
22 23 7
28 29 31 32 34 35 37 38 40 41 43 44 46 47 49 50 52 53 55 56 58 59 61 62 77 54 80 57 83 60 86 63 64 90 67 93 70 96 73 99 76 78 79 81 82 84 85 87 88 89 91 92 94 95 97 98 100
20 21 39 24 42 26 28 45 30 48 33 34 36 37 38 40 41 43 27 44 46 47 49 50 51
.075 (1.91)
.0375 (0.95) .075 (1.91)
.075 (1.91)
.0375 (0.95) .075 (1.91)
51 PIN
100 PIN
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-34
GMR7590C Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C CoNNECtoR PCB LAYoutS - SoCkEt CoNNECtoRS
Patterns shown are for connector mounting side of PC board.
CONNECTOR FLANGE C L .212 (5.40) .133 (3.38)
5 9 4 8 3 7 2 6 1
CONNECTOR FLANGE .170 (4.32) C L
8 15 7 5 6 12 4 3 2 9
.212 (5.40)
1
.0375 (0.95) .075 (1.91)
.075 (1.91)
14 13 11 10
.075 (1.91)
.0375 (0.95) .075 (1.91)
9 SoCkEt
CONNECTOR FLANGE C L
11 10 21 8 9 18 7 6 5 4 15 3 2 12
15 SoCkEt
CONNECTOR FLANGE C L
12 11 9 8 6 7 18 5 3 4 15 13 24 10 21
.175(4.45)
1
.175(4.45)
2 1
20 19 17 16 14 13
.075 (1.91)
.0375 (0.95) .075 (1.91)
25 23 22 20 19 17 16 14
.075 (1.91)
.0375 (0.95) .075 (1.91)
21 SoCkEt
25 SoCkEt
CONNECTOR FLANGE C L
15 14 12 11 9 8 6 7 21 5 16 30 13 27 10 24
CONNECTOR FLANGE .175(4.45)
3 4 18 2 1
C L
18 17 15 14 12 11 9 8 6 7 24 5 3 4 21 19 36 16 33 13 30 10 27
.175(4.45)
2 1
31 29 28 26 25 23 22 20 19 17
.075 (1.91)
.0375 (0.95) .075 (1.91)
37 35 34 32 31 29 28 26 25 23 22 20
.075 (1.91)
.0375 (0.95) .075 (1.91)
31 SoCkEt
CONNECTOR FLANGE C L
18 17 15 14 13 11 10 35 16 32 31 12 29 9 25 8 6 5 4 2 3 19
37 SoCkEt
CONNECTOR FLANGE .187 (4.75)
1
C L
26 25 23 22 20 19 17 16 14 13 11 10 51 24 48 21 45 18 42 15 39 12 36 75 74 72 71 69 68 66 65 8 9 33 7 5 6 30 4
.212 (5.38)
2 3 27 1
7 23 22
34 33 48 30 45 28 26 42 24 39 21 20 51 50 49 47 46 44 27 43 41 40 38 37 36
50 49 47 46 44 43 41 40 38 37 35 34 32 31 29 28 62 61 59 58 56 55 53 52 99 73 96 70 93 67 90 64 63 86 60 83 57 80 54 77 100 98 97 95 94 92 91 89 88 87 85 84 82 81 79 78 76
.075 (1.91)
.0375 (0.95) .075 (1.91)
.075 (1.91)
.0375 (0.95) .075 (1.91)
51 SoCkEt
100 SoCkEt
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-35
Micro-D PCB
A B C D E F G H J K L M N P


▲Up To Search▲   

 
Price & Availability of GMR7590C-21P2AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X